Part Number Hot Search : 
4057A 1N5404 MMBZ5249 2SC32 LTC3702 MAX3393E 33150SD MAX1409
Product Description
Full Text Search
 

To Download 2SA1037 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS
General Purpose Transistor (-50V, -0.15A)
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS
!Features 1) Excellent hFE linearity. 2) Complements the 2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S. !External dimensions (Units : mm)
2SA1037AK
(1)
2SA1576A
(1)
0.95 0.95 1.9 2.9
0.65 0.65 0.8 0.7
0.4
(3)
0.3
(2)
(3)
1.25 1.6 2.8
0.15 0.15
2.1
0.2
(2)
0.8
1.1
!Structure Epitaxial planar type. PNP silicon transistor
0.3to0.6
0to0.1
0.1to0.4
Each lead has same dimensions
Each lead has same dimensions
ROHM : SMT3 EIAJ : SC-59
(1) Emitter (2) Base (3) Collector
0to0.1
ROHM : UMT3 EIAJ : SC-70
(1) Emitter (2) Base (3) Collector
Abbreviated symbol : F
Abbreviated symbol : F
2SA1774
0.2
(1) (2)
2SA2029
1.2 0.8
(2) (3) (1)
0.5 0.5
1.0
0.3
0.8 1.6
0.15
0.2
1.2 0.32
0.13 0to0.1
0.55
0.5
0.1Min.
0to0.1
0.7
0.15Max.
0.22
ROHM : EMT3 EIAJ : SC-75A
(1) Emitter (2) Base (3) Collecto
ROHM : VMT3 EIAJ :
Abbreviated symbol : F
Abbreviated symbol : F
2SA933AS
4
3
2
(15Min.)
3Min.
0.45
2.5 5 (1) (2) (3)
0.5 0.45
Taping specifications
ROHM : SPT EIAJ : SC-72
(1) Emitter (2) Collector (3) Base
Denotes hFE
0.4 0.4
(3)
1.6
0.2
0.2
(1) Base (2) Emitter (3) Collector
0.9
1.3
2.0
Transistors
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current
2SA1037AK, 2SA1576A
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS
Symbol VCBO VCEO VEBO IC Limits -60 -50 -6 -0.15 0.2 PC 0.15 0.3 Tj Tstg 150 -55~+150 C C W Unit V V V A (DC)
Collector power dissipation
2SA2029, 2SA1774 2SA933AS
Junction temperature Storage temperature
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. -60 -50 -6 - - - 120 - - Typ. - - - - - - - 140 4.0 Max. - - - -0.1 -0.1 -0.5 560 - 5.0 Unit V V V A A V - MHz pF IC=-50A IC=-1A IE=-50A VCB=-60V VEB=-6V IC/IB=-50mA/-5mA VCE=-6V, IC=-1mA VCE=-12V, IE=2mA, f=30MHz VCB=-12V, IE=0A, f=1MHz Conditions
!Packaging specifications and hFE
Package Code Basic ordering unit (pieces) T146 3000 - - - - - - - T106 3000 - - Taping TL 3000 - - - - - - - T2L 8000 TP 5000 - - - -
Type 2SA2029
hFE QRS
2SA1037AK QRS 2SA1576A 2SA1774 2SA933AS QRS QRS QRS
hFE values are classified as follows:
Item hFE Q 120~270 R 180~390 S 270~560
Transistors
!Electrical characteristic curves
-50
COLLECTOR CURRENT : Ic (mA)
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS
VCE=-6V
COLLECTOR CURRENT : IC (mA)
-10 -35.0 Ta=25C -31.5 -28.0 -24.5 -6 -21.0 -17.5 -4 -14.0 -10.5 -2 -7.0 -3.5A 0 -0.4 -0.8 -1.2 IB=0 -1.6 -2.0
-100
COLLECTOR CURRENT : IC (mA)
-20 -10 -5 -2 -1 -0.5 -0.2 -0.1
Ta=100C 25C -40C
Ta=25C -500 -450 -400 -350 -300
-8
-80
-60
-250 -200
-40
-150 -100
-20
-50A IB=0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 BASE TO EMITTER VOLTAGE : VBE (V)
0
-1
-2
-3
-4
-5
COLLECTOR TO MITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics (I)
Fig.3 Grounded emitter output characteristics (II)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
500
500
Ta=25C
VCE=-5V -3V -1V
DC CURRENT GAIN : hFE
200
Ta=100C 25C -40C
-1
Ta=25C
DC CURRENT GAIN : hFE
-0.5
200
100
-0.2 IC/IB=50 -0.1 20 10
100
50
50
VCE=-6V -5 -10 -20 -50 -100
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
-0.2 -0.5 -1
-2
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (I)
Fig.5 DC current gain vs. collector current (II)
Fig.6 Collector-emitter saturation voltage vs. collector current (I)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
lC/lB=10
-0.5
TRANSITION FREQUENCY : fT (MHz)
Ta=25C VCE=-12V
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
-1
1000
20
Cib
10
500
Ta=25C f=1MHz IE=0A IC=0A
Co b
-0.2 Ta=100C 25C -40C
200
5
-0.1
100
2
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
50 0.5 1 2 5 10 20 50 100
-0.5
-1
-2
-5
-10
-20
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V) EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Collector-emitter saturation voltage vs. collector current (II)
Fig.8 Gain bandwidth product vs. emitter current
Fig.9 Collector output capacitance vs. collector-base voltage Emitter inputcapacitance vs. emitter-base voltage


▲Up To Search▲   

 
Price & Availability of 2SA1037

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X